Part Number Hot Search : 
RB461F 11600 ST380C 202AC F08A40 HD74LS10 HD74LS10 AD75004
Product Description
Full Text Search
 

To Download ASE2-1431818MHZ-I-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||| | | ase2 series ? ccd clo c k f or vtr came r a ? equipment connected to pc or pc cards ? wireless communication ? compact and l o w in height at 1.2mm ? l o w current consumption 2ma typ. for 19.2mhz ? t r i state function ? tight stability option 20ppm for -40 to +85c ? seam sealed package assures high reliability 3 . 2 x 2 . 5 x 1 . 2 m m pb rohs compliant ? suitable for rohs reflow 2.5vdc cmos compatible smd crystal clock oscillator applications: features: standard specifications: options & part identification: (left blank if standard) 303 3 2 e s p e r anza , r a n c ho s anta m a r g a r ita , cali f o r n i a 926 8 8 t e l 949 - 546 - 800 0 | f a x 949 - 546 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 06.29.11 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified paramete rs mini mu m t y pica l m axi m u m units notes z h m 6 6 1 - - - - - 5 2 6 . 0 e g n a r y c n e u q e r f operating tem p erature -10 ----- +70 c std (see options) c 5 2 1 + - - - - - 5 5 - e r u t a r e p m e t e g a r o t s overall frequency stabilit y -100 ----- +100 ppm see options supp l y voltage (vdd) +2.37 5 2 . 5 +2.62 5 v supp l y current (id d ) ----- 2 8 m a 0.6 2 5 ~ 1 9 . 9 9 mh z ----- 3 8 20 ~ 31.99 mhz ----- 5 15 32 ~ 59.99 mhz ----- 12 20 60 ~ 125.0 mhz sy m m e t ry @ 1/ 2vdd 45 ----- 55 % 0.6 2 5 ~ 8 9 . 9 9 9 mhz 40 ----- 60 90 ~ 125.0 mhz r i se a nd fall t i m e (t r/ t f) ----- 3 5 ns 0.6 2 5 ~ 1 9 . 9 9 mh z ----- 3 5 20 ~ 31.99 mhz ----- 3 5 32 ~ 59.99 mhz ----- 3 5 60 ~ 125.0 mhz s o m c f p 5 1 - - - - - - - - - - d a o l t u p t u o output volta ge (voh) 0.9* vdd ----- ----- v output volta ge (vol) ----- ----- 0.1* vdd v start -up ti m e ----- 0.6 3 m s 0.6 2 5 ~ 1 9 . 9 9 mh z ----- 0.6 3 20 ~ 31.99 mhz ----- 0.6 3 32 ~ 59.99 mhz ----- 1.3 2 60 ~ 125.0 mhz tri-state func tion "1" (vih 0.7* vdd) or op e n : oscillation; "0 " ( vil<0. 3 * vdd) : hi z rms jitter: ----- 2 5 ps 0.6 2 5 ~ 1 9 . 9 9 mh z ----- 2 5 2 0 ~ 3 1 . 9 9 m h z ----- 2 5 3 2 ~ 5 9 . 9 9 m h z ----- 2 5 6 0 ~ 1 25. 0 m h z aging at 25 c (first y ear) -5 ----- + 5 ppm st a nd -b y c ur re nt : ----- ----- 1 0 a ase2 - - mhz - - - frequenc y in mhz e . g . 0.6 2 5 m h z 24. 5 76mh z 1 4 . 3 1 8 1 8 m h z 26. 0 00mh z 2 0 0 . 0 0 0 m h z p a c k a g i n g blank: bulk t: 1000p cs/reel over all freq. s t ab ilit y j ( * ) : 2 0 p p m r : 2 5 p p m k : 3 0 p p m h : 3 5 p p m b : 4 0 p p m c : 5 0 p p m op erat in g t e mp. i : 0c ~ + 5 0c d : - 1 0 c ~ + 6 0 c e : - 2 0 c ~ + 7 0 c f : - 3 0c ~ + 7 0c n : - 3 0 c ~ + 8 5 c l : - 4 0 c ~ + 8 5 c * : t e m p o ptions i , d , e, a n d - 1 0 c t o + 7 0 c o n l y co n t act abracon fo r wi de r te m p e ratur e r a n g e .
|||||||||||||| | ase2 series 3 . 2 x 2 . 5 x 1 . 2 m m pb rohs compliant 2.5vdc cmos compatible smd crystal clock oscillator p i n function 1 2 3 4 vdd tri-state gnd/case output dimensions: inches (mm) dimensions: mm outline drawing: tape & reel: t = tape and reel 1,000pcs/reel 3033 2 e s p e ranza , r a n c h o s a n t a mar g a r i t a , c a lif o r n i a 9268 8 t e l 949- 546- 8000 | f a x 949- 546- 800 1 | w w w . abra c o n . c o m revised: 06.29.11 visit www.abracon.com for terms & conditions of sale reflow profile abracon is iso 9001 / qs 9000 ce r tified abracon is iso9001:2008 ce r tified need a test socket for the ase2 series? to view compatible precision test & burn-in sockets for these parts, click here. a tten t i o n : a b r aco n c orpo r ation ? s p roducts a r e c o t s ? commer cial-of f-t h e -shelf p r o d ucts ; suitab le for commer cial, indust r ial a nd, w her e d e s i gnated, aut o m otive applicatio n s . abraco n ? s p r odu cts a r e not s pecif ically des igned for m ilitar y , a viation, a e rospace, lif e -de p e nda n t m edical a pplications or a n y a pplication r e qui r ing h igh r eliab ility w her e c o mpon e n t f ailure could r e s ult in loss o f lif e and/or p r o p e r t y . for app lications r e qui r i ng h i gh r eliab ility and / or pre s e n ting a n e x t r eme ope r atin g environmen t , written cons ent and author ization from a b r acon cor por ation i s requ i r e d. pleas e c ontact abracon c orporation for m ore i nformation. no te: 1 . t h e o u tlin e p ack a g e confi g uration v a ries with fre que ncy range. el ect r i cal p r ope r ties, p i n c o nfi g u r a tio n , a n d lan d p atter n a r e t h e s a m e. 2. r ec o m m end usi n g a n a p p r o x i m a t e ly 0.0 1 f b y pass capacitor bet w een pi n 2 a n d 4.


▲Up To Search▲   

 
Price & Availability of ASE2-1431818MHZ-I-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X